Part Number Hot Search : 
15N12 15KE110A 82S147AN R3AS10M SM1400AP TC7S08F 15KE110A 10030
Product Description
Full Text Search
 

To Download 5KP210A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5KP5.0 thru 5KP250CA
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated junction 5000W peak pulse power capability with a 10/1000ms waveform, repetition rate (duty cycle): 0.05% Excellent clamping capability Low incremental surge resistance Fast response time: theoretically (with no parisitic inductance) less than 1ps from 0 Volts to V(BR) for unidirectional and 5ns for bidirectional types. Devices with V(BR) > 10V ID are typically ID less than 1.0mA High temperature soldering guaranteed: 265oC/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
Mechanical Data
Case: Molded plastic body over glass passivated junction Terminals: Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: The color band denotes the cathode, which is positive with respect to the anode under normal TVS operation Mounting Position: Any Weight: 0.07 ounce, 2.1 grams
Devices for Bidirectional Applications For bi-directional, use C or CA suffix for types 5KP5.0 thru types 5KP110A (e.g. 5KP5.0C, 1.5KP5.0CA). Electrical characteristics apply in both directions.
Maximum Ratings and Thermal Characteristics
Ratings at 25oC ambient temperature unless otherwise specified. Parameter Peak pulse power dissipation with a 10/1000us waveform (1) Peak pulse current with a 10/1000us waveform (1) Steady state power dissipation at TL=75oC, lead lengths 0.375" (9.5mm) (2) Peak forward surge current, 8.3ms single half sine-wave Instantaneous forward voltage at 100A
(3) (3)
Symbol P PPM IPPM PM(AV) IFSM VF TJ, TSTG
Value Minimum 5000 See Next Table 8.0 500 3.5 -55 to +175
Unit W A W Amps Volts
o
Operating junction and storage temperature range Notes:
C
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25oC per Fig. 2 2. Mounted on copper pad area of 1.6 x 1.6" (40 x 40 mm) per Fig. 5. 3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
610
Electrical Characteristics
(TA=25oC unless otherwise noted.)
Breakdow n voltage V(BR) (Volts) (1) Device type 5KP5.0 5KP5.0A 5KP6.0 5KP6.0A 5KP6.5 5KP6.5A 5KP7.0 5KP7.0A 5KP7.5 5KP7.5A 5KP8.0 5KP8.0A 5KP8.5 5KP8.5A 5KP9.0 5KP9.0A 5K P 10 5K P 10A 5KP11 5KP11A 5K P 12 5K P 12A 5K P 13 5K P 13A 5K P 14 5K P 14A 5K P 15 5K P 15A 5K P 16 5K P 16A 5K P 17 5K P 17A 5K P 18 5K P 18A 5K P 20 5K P 20A 5K P 22 5K P 22A 5K P 24 5K P 24A 5K P 26 5K P 26A 5K P 28 5K P 28A 5K P 30 5K P 30A Min. 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 Max. 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8
Test current at IT (mA) 50 50 50 50 50 50 50 50 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Stand-off voltage VWM (Volts) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0
Maximum reverse leakage at VWM ID (uA) 2000 2000 5000 5000 2000 2000 1000 1000 250 250 150 150 50 50 20 20 15 15 10 10 5.0 5.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
Maximum peak pulse current IPPM(2) (A) 521 543 439 485 407 446 376 417 350 388 333 368 314 347 296 325 266 294 249 275 227 251 210 233 194 216 186 205 174 192 164 181 155 171 140 154 127 141 116 129 107 119 100 110 93.5 103
Maximum clamping voltage at IPPM VC (Volts) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4
Maximum temperature coefficient of V(BR) (% / oC) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103
611
Electrical Characteristics
(TA=25oC unless otherwise noted.)
Breakdow n voltage V(BR) (Volts) (1) Device type 5K P 33 5K P 33A 5K P 36 5K P 36A 5K P 40 5K P 40A 5K P 43 5K P 43A 5K P 45 5K P 45A 5K P 48 5K P 48A 5K P 51 5K P 51A 5K P 54 5K P 54A 5K P 58 5K P 58A 5K P 60 5K P 60A 5K P 64 5K P 64A 5K P 70 5K P 70A 5K P 75 5K P 75A 5K P 78 5K P 78A 5K P 85 5K P 85A 5K P 90 5K P 90A 5K P 100 5K P 100A 5KP110 5KP110A 5K P 120A 5K P 130A 5K P 150A 5K P 160A 5K P 170A 5K P 180A 5K P 190A 5K P 200A 5K P 210A 5K P 220A 5K P 250A Min. 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 144 167 178 189 200 211 222 233 244 277 Max. 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 147 159 185 197 209 221 233 246 258 270 306 Maximum reverse leakage at VWM ID (uA) 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 Maximum peak pulse current IPPM(2) (A) 84.7 93.8 77.8 86.1 70.0 77.5 65.2 72.0 62.3 68.8 58.5 64.6 54.9 60.7 51.9 57.4 48.5 53.4 46.7 51.7 43.9 48.5 40.0 44.2 37.3 41.3 36.0 39.7 33.1 36.5 31.3 34.2 27.9 30.9 25.5 28.2 26.4 24.4 21.0 19.7 18.5 17.5 16.5 15.5 14.6 13.7 12.0 Maximum clamping voltage at IPPM VC (Volts) 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 94 107 97 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 193 209 243 259 275 292 310 329.2 349.5 371.1 425 Maximum temperature coefficient of V(BR) (% / oC) 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.112 0.112 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
Test current at IT (mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Stand-off voltage VWM (Volts) 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100 100 110 110 120 130 150 160 170 180 190 200 210 220 250
Notes:
1. V(BR) measured after IT applied for 300us, IT=square wave pulse or equivalent 2. Surge current waveform per Fig. 3 and derate per Fig. 2 3. All terms and symbols are consistent with ANSI/IEEE CA62.35 4. For parts without A, the VBR is +10% Application: The 5KP series of high power transient voltage suppressors were designed to be used on the output of switching power supplies. These devices may be used to replace crowbar circuits. Both the 5 and 10 percent voltage tolerances are referenced to the power supply output voltage level. They are able to withstand high levels of peak current while allowing a circuit breaker to trip or a fuse blow before shorting. This will enable the user to reset the breaker or replace the fuse and continue operation. For this type operation, it is recommended that a sufficient mounting surface be used for dissipating the heat generated by the Transient Voltage Suppressor during the transient or over-voltage condition. Transient Voltage Suppressors are Silicon PN Junction devices designed for absorption of high voltage transients associated with power disturbances, switching and induced lighting effects. This series is available from 5.0 volts thru 110 volts.
612
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
613


▲Up To Search▲   

 
Price & Availability of 5KP210A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X